PART |
Description |
Maker |
TRW-900C |
Wireless Low Cost 900MHz RF Transceiver Module
|
List of Unclassifed Man...
|
RFPT400 |
Low cost SMD Temperature Compensated Crystal Oscillator for indoor wireless
|
TEMEX
|
HNIO-241A HNIO-241AR HNIO-241AX |
2.4GHz Analog/ Digital I/O Wireless Modem
|
RF Monolithics, Inc
|
ATZB-S1-256-3-0-C-14 |
ZigBit 2.4GHz Single chip Wireless Module
|
ATMEL Corporation
|
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
LTP5902-IPR-15 |
SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
|
Linear Technology
|
ADM705 ADM705AN ADM705AR ADM706 ADM706AN ADM706AR |
3 V/ Voltage Monitoring uP Supervisory Circuits Low Cost uP Supervisory Circuits 低成本的监控电路 Low Cost uP Supervisory Circuits 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 Low Cost P Supervisory Circuits Low Cost uP Supervisory Circuits
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
5962-9458507HMA 5962-9458507HMC 5962-9458506H9A 59 |
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs EEPROM EEPROM Single/Dual/Quad, Low-Cost, UCSP/SOT23, Low-Power, Rail-to-Rail I/O Op Amps EEPROM High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers EEPROM Low-Cost, 3V/ 5V, 620µA, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs EEPROM
|
Silicon Storage Technology, Inc. Glenair, Inc.
|
LT6600-2.5 LT6600-15 LT6600-10 LT6600-20 LTC6400-2 |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
|
Linear Technology
|
ZPSD311 ZPSD311-B-15J ZPSD311-B-15L ZPSD311-B-15M |
From old datasheet system PSD3XX, ZPSD3XX, ZPSD3XXV, PSD3XXR, ZPSD3XXR, ZPSD3XXRV Low Cost Field Programmable Microcontroller PSD3XX/ZPSD3XX FAMILY LOW COST MICROCONTROLLER PERIPHERALS LowCostFieldProgrammableMicrocontrollerPeripherals Low Cost Field Programmable Microcontroller Peripherals
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
STMICROELECTRONICS
|
QL2009 QL2009-0PB256C QL2009-0PB256I QL2009-0PF144 |
3.3V and 5.0V pASIC 2 FPGA combining speed, density, low cost and flexibility. 3.3V and 5.0V pASIC? 2 FPGA Combining Speed Density Low Cost and Flexibility 3.3V and 5.0V pASICò 2 FPGA 3.3V and 5.0V pASIC? 2 FPGA Combining Speed, Density, Low Cost and Flexibility 3.3V and 5.0V pASIC 2 FPGA Combining Speed/ Density/ Low Cost and Flexibility 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility(高速,高可用密度,低成本、可适应性强.3V.0V pASIC 2系列场可编程逻辑器件) PT 6C 6#20 PIN RECP PT 8C 8#20 PIN RECP 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility 3.3V.0V帕希奇? 2 FPGA的结合速度,密度,低成本和灵活
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. QuickLogic Corp.
|
TC3405 TC3405VPE TC3405VQR |
The TC3405 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It performs 16-bit conversions (15-bit plus sign) at up to eight per second.Thedeviceis optimizedforuseas microcontroller pe 16-Bit, Low Cost, Low Power Sigma-Delta A/D Converter
|
MICROCHIP[Microchip Technology]
|